Part Number Hot Search : 
380FS019 BA10FP 06FNT 12800 CO2ASH SDG1000 SMCJ36A 300145
Product Description
Full Text Search
 

To Download AN920032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wired version an8 series programmable, full 0 - 360 detection contact less angular position sensor capable of continuous rotation description sensor is operated by r otating a magnetic actuator close to its sensitive face. output voltage varies according angular position of the magnet . optimal performance is achieved with cherry?s as500106 magnetic actuator. applications ? replacement for smart bearings ? prndl switch for harsh environments ? steer wheel position for drive by wire systems ? throttle position sensor ? pedal position sensor ? non contacting potentiometer dimensions mm features and benefits ? angular position sensor with high tolerance for misalignment ? provides non - contact angular position sensing to full 360 rotation ? no mechanical interface means no parts to wear out ? s ealed design exceeds iec529 ip68 standard for immersion ? 5vdc ratiometric device. ? performs with as500106 standard magnetic carrier ? provided with emi/esd protection to sae j1113 standards ? maximum operating temperature of 150oc custom options (contact factory for minimums and availability) ? linear output over specific angular rotation ranges available on request ? sensor can be programmed for use with custom magnets ? custom programming option for rising or falling output slope with selecta ble offset, gain, clamp voltage ? pwm output option available for custom applications
wired version an8 series mechanical specifications mechanical travel 0 to 360 degrees ( continuous ) dither no mechanical contact termination 300mm radox 18 awg maximum air gap 5mm maximum center - to - center offset 1 mm (magnet to sensor) electrical specifications sensing range 0 to 360 degrees of rotation input voltage 5.0 vdc 10% output voltage 0.5 to 4.5 vdc (ratiometric) output accuracy (with supp lied magnet) (65 - 360 rotation) 2.5 % full scale output smoothness (with supplied magnet) (65 - 360 rotation) 0. 7 5% full scale for any 2% interval output linearity (with supplied magnet) (65 - 360 rotation) 2.0% full scale absolute max suppl y voltage 16 vdc absolute max reverse voltage - 1 4. 5 vdc maximum output current range 8ma out p ut type analog electrostatic discharge sae j1113 - 13; consult factory for details immunity to radiated electroni c magnetic fields sae j1113 - 4; 1 mhz to 400 mhz conducted transient emissions sae j1113 - 42; 25v radiated emissions sae j1113 - 41; class 3 conducted immunity sae j1113 - 2; 30 hz to 250 k hz conduction and coupling sae j1113 - 12; consult factory for details operating temperature - 40 to 150c specifications subject to change without notice. sensor sensing range an820031 180 an820032 360 contact call, fax or visit our website for more in formation. zf electronics corporation 11200 88th avenue pleasant prairie, wi 53158 phone: 262.942.6500 web: www.cherrycorp.com e - mail: cep_sales@zf.com fax: 262.942.6 566 ? 2010 zf electronics corporation


▲Up To Search▲   

 
Price & Availability of AN920032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X